PART |
Description |
Maker |
121-14207-1 121-14207-2 121-14207-3 |
POWER TERMINAL C-PRESS 6 PIN
|
Winchester Electronics Corporation
|
121-27395 14201 121-14201 |
POWER TERMINAL C-PRESS 6-PIN M3 THREAD
|
Winchester Electronics Corporation
|
0002092611 WM2297CT 02-09-2611 02-09-2612 42478-00 |
TERMINAL, PIN, .093/(2.36) DIA., CRIMP 093 Male Terminal Chain 14-18 BRASS, TIN (20) FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
120-1372 120-1372-02-03-00 |
BRASS, GOLD FINISH, PCB TERMINAL Solder terminal, Pin type
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
H2105-01 H2106-01 |
0.80mm Terminal Pin, Double-ended, for 2.4mm panel thickness 40.22 mm2, BRASS, TIN OVER NICKEL FINISH, PCB TERMINAL
|
Harwin Plc
|
PFP-7-01 PFP-7-19 |
PRESS FIT PIN
|
Richco, Inc.
|
44472-2453 44472-2252 44472-0253 44472-1253 44472- |
PCB Connector; No. of Contacts:24; No. of Rows:2 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 22CKT MINIFIT VER S/R & D/R HCS HDR ASSY 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 2Ckt 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-2 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini-Fit HCS Hdr Assy 22Ckt Tin V-0 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-0 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 444721052 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
FD2000DU-120 |
MITSUBISHI HIGH-FREQUENCY RECTIFIER DIODES HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE HIGH POWER/ HIGH FREQUENCY/ PRESS PACK TYPE HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE 高功率,高频率,按包装类
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|
A-7859-2561 7859-2561N 15-29-1026 0015291026 |
2.54mm (.100) Pitch C-Grid? Shunt Terminal Housings, (30μ) Gold (Au), 2 Circuits, with Pin Stop 2.54mm (.100") Pitch C-Grid庐 Shunt Terminal Housings, (30渭") Gold (Au), 2 Circuits, with Pin Stop 2.54mm (.100") Pitch C-Grid垄莽 Shunt Terminal Housings, (30楼矛") Gold (Au), 2 Circuits, with Pin Stop
|
Molex Electronics Ltd.
|
0850150218 85015-0218 |
2.54mm (.100) Pitch DIN 41612 Header, 4-Row C-Pin, Press-Fit Style R Reverse
|
Molex Electronics Ltd.
|
|